PART |
Description |
Maker |
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
R-521.8PA R-521.2PA R-522.5PA R-555.0PA R-521.2DA |
INNOLINE DC/DC-Converter INNOLINE直流/直流转换
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
R-726.5P R-725.0D R-725.0P R-723.3D R-723.3P R-746 |
RECTIFIER SCHOTTKY DUAL 10A 35V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE INNOLINE直流/直流转换 INNOLINE DC/DC-Converter INNOLINE直流/直流转换 CB 10C 10#16 SKT RECP LINE INNOLINE直流/直流转换 ER 10C 10#16 SKT RECP
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
TSMBG1005C TSMBG1006C TSMBG1007C TSMBG1009C TSMBG1 |
SINGLE BIDIRECTIONAL BREAKOVER DIODE|100V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|110V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|145V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|185V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|200V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|210V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|215V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|250V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|265V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|300V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|350V V(BO) MAX|DO-215AA SINGLE BIDIRECTIONAL BREAKOVER DIODE|440V V(BO) MAX|DO-215AA 单双向击穿二极管| 440V五(公报)最大|的DO - 215AA
|
ITT, Corp.
|
BP200-0AG-014V BP200-0CW-024V BP200-0UY-005V BP200 |
T-1 3/4 SINGLE COLOR LED, AQUA GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, WHITE, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, LIME GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm
|
LEDtronics, Inc.
|
BP280TO5-2.1V-090T BP280TO5-2.1V-090N BP280TO3-5V- |
T-1 3/4 SINGLE COLOR LED, PURE ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, STANDARD RED, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm T-1 3/4 SINGLE COLOR LED, BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, AMBER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 850 nm T-1 3/4 SINGLE COLOR LED, PURE GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, LIME YELLOW, 5 mm 5 mm, 1 ELEMENT, INFRARED LED, 940 nm 5 mm, 1 ELEMENT, INFRARED LED, 880 nm
|
LEDtronics, Inc. LEDTRONICS INC
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
QL202YT.C1A0 QL202YT.C1R1 QL202YT.C1A2 QL202YT.C3A |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, RED, 3 mm T-1 SINGLE COLOR LED, GREEN, 3 mm T-1 SINGLE COLOR LED, PURE GREEN, 3 mm T-1 SINGLE COLOR LED, SOFT ORANGE, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm
|
QT Optoelectronics
|
21PCT120CW-1PB-140 21PCT120CW-1CW-140 21PCT120CW-1 |
T-1 SINGLE COLOR LED ARRAY, PURE BLUE, 3 mm T-1 SINGLE COLOR LED ARRAY, COOL WHITE, 3 mm T-1 SINGLE COLOR LED ARRAY, AQUA GREEN, 3 mm T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm T-1 SINGLE COLOR LED ARRAY, ULTRA RED, 3 mm
|
LEDtronics, Inc.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
|